Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89C5131A-RDTUL Fiches technique(PDF) 179 Page - ATMEL Corporation

No de pièce AT89C5131A-RDTUL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUL Fiches technique(HTML) 179 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUL Datasheet HTML 175Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 176Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 177Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 178Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 179Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 180Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 181Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 182Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 183Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 186 page
background image
179
AT89C5131A-L
4338F–USB–08/07
52-lead PLCC
STANDARD NOTES FOR PLCC:
1/ CONTROLLING DIMENSIONS : INCHES
2/ DIMENSIONING AND TOLERANCING PER ANSI Y 14.5M - 1982.
3/ "D" AND "E1" DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTUSIONS. MOLD FLASH OR PROTUSIONS SHALL NOT
EXCEED 0.20 mm (.008 INCH) PER SIDE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More