| Moteur de recherche de fiches techniques de composants électroniques |
|
AT85C5122D-RDRUM Fiches technique(PDF) 190 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT85C5122D-RDRUM Fiches technique(HTML) 190 Page - ATMEL Corporation |
|
190 / 208 page ![]() 190 AT83R5122, AT8xC5122/23 4202F–SCR–07/2008 USB Interface Figure 112. USB Interface Symbol Parameter Min Typ(5) Max Unit VREF USB Reference Voltage 3.0 3.6 V VIH Input High Voltage for D+ and D- (driven) 2.0 4.0 V VIHZ Input High Voltage for D+ and D- (floating) 2.7 3.6 V VIL Input Low Voltage for D+ and D- 0.8 V VOH Output High Voltage for D+ and D- 2.8 3.6 V VOL Output Low Voltage for D+ and D- 0.0 0.3 V |