| Moteur de recherche de fiches techniques de composants électroniques |
|
M38046FFHKP Fiches technique(PDF) 147 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38046FFHKP Fiches technique(HTML) 147 Page - Renesas Technology Corp |
|
147 / 387 page ![]() 2-23 APPLICATION 2.3 Timer Rev.1.00 Jan 14, 2005 REJ09B0212-0100Z 3804 Group (Spec.H) Fig. 2.3.2 Structure of Prescaler 12, Prescaler X, Prescaler Y Fig. 2.3.3 Structure of Timer 1 2.3.2 Relevant registers Prescaler 12, Prescaler X, Prescaler Y b7 b6 b5 b4 b3 b2 b1 b0 Prescaler 12 (PRE12), Prescaler X (PREX), Prescaler Y (PREY) (addresses 002016, 002416, 002616) b 0 1 At reset R W 1 2 3 4 5 6 7 Functions • Set a count value of each prescaler. • The value set in this register is written to both each prescaler and the corresponding prescaler latch at the same time. • When this register is read out, the count value of the corresponding prescaler is read out. 1 1 1 1 1 1 1 Timer 1 b7 b6 b5 b4 b3 b2 b1 b0 Timer 1 (T1: address 002116) b 0 1 At reset R W 1 2 3 4 5 6 7 Functions • Set timer 1 count value. • The value set in this register is written to both the timer 1 and the timer 1 latch at the same time. • When the timer 1 is read out, the count value of the timer 1 is read out. 0 0 0 0 0 0 0 |