Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38040FDHKP Fiches technique(PDF) 268 Page - Renesas Technology Corp

No de pièce M38040FDHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38040FDHKP Fiches technique(HTML) 268 Page - Renesas Technology Corp

Back Button M38040FDHKP Datasheet HTML 264Page - Renesas Technology Corp M38040FDHKP Datasheet HTML 265Page - Renesas Technology Corp M38040FDHKP Datasheet HTML 266Page - Renesas Technology Corp M38040FDHKP Datasheet HTML 267Page - Renesas Technology Corp M38040FDHKP Datasheet HTML 268Page - Renesas Technology Corp M38040FDHKP Datasheet HTML 269Page - Renesas Technology Corp M38040FDHKP Datasheet HTML 270Page - Renesas Technology Corp M38040FDHKP Datasheet HTML 271Page - Renesas Technology Corp M38040FDHKP Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 387 page
background image
2-144
APPLICATION
2.10 Reset
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.10.2 Notes on RESET pin
Connecting capacitor
In case where the RESET signal rise time is long, connect a ceramic capacitor or others across the
RESET pin and the VSS pin. Use a 1000 pF or more capacitor for high frequency use. When
connecting the capacitor, note the following :
• Make the length of the wiring which is connected to a capacitor as short as possible.
• Be sure to verify the operation of application products on the user side.
q Reason
If the several nanosecond or several ten nanosecond impulse noise enters the RESET pin, it may
cause a microcomputer failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More