| Moteur de recherche de fiches techniques de composants électroniques |
|
M38048FBHKP Fiches technique(PDF) 369 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38048FBHKP Fiches technique(HTML) 369 Page - Renesas Technology Corp |
|
369 / 387 page ![]() 3-79 REJ09B0212-0100Z Rev.1.00 Jan 14, 2005 3804 Group (Spec.H) APPENDIX 3.5 Control registers Fig. 3.5.48 Structure of I2C slave address register i (i = 0 to 2) I2C slave address register i (i = 0 to 2) b7 b6 b5 b4 b3 b2 b1 b0 I2C slave address register i (i = 0 to 2) (S0D0, S0D1, S0D2: addresses 0FF716, 0FF816, 0FF916) b 0 0 Read/Write bit (RWB) 0: Write bit 1: Read bit The contents of these bits are compared with the address data transmitted from master. Functions Name At reset R W 1 0 2 0 3 0 4 0 5 0 6 0 7 0 Slave address (SAD0, SAD1, SAD2, SAD3, SAD4, SAD5, SAD6) Note: When the read-modify-write instructions (SEB, CLB) are used at detection of stop condition, the values may be undefined. |