Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38048FAHKP Fiches technique(PDF) 108 Page - Renesas Technology Corp

No de pièce M38048FAHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FAHKP Fiches technique(HTML) 108 Page - Renesas Technology Corp

Back Button M38048FAHKP Datasheet HTML 104Page - Renesas Technology Corp M38048FAHKP Datasheet HTML 105Page - Renesas Technology Corp M38048FAHKP Datasheet HTML 106Page - Renesas Technology Corp M38048FAHKP Datasheet HTML 107Page - Renesas Technology Corp M38048FAHKP Datasheet HTML 108Page - Renesas Technology Corp M38048FAHKP Datasheet HTML 109Page - Renesas Technology Corp M38048FAHKP Datasheet HTML 110Page - Renesas Technology Corp M38048FAHKP Datasheet HTML 111Page - Renesas Technology Corp M38048FAHKP Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 387 page
background image
1-90
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
(2) ID Code Check Function
Use this function in standard serial I/O mode. When the contents
of the flash memory are not blank, the ID code sent from the pro-
grammer is compared with the ID code written in the flash memory
to see if they match. If the ID codes do not match, the commands
sent from the programmer are not accepted. The ID code consists
of 8-bit data, and its areas are FFD416 to FFDA16. Write a pro-
gram which has had the ID code preset at these addresses to the
flash memory.
Fig. 86 ID code store addresses
ROM code protect control
ID7
ID6
ID5
ID4
ID3
ID2
ID1
FFDB16
FFDA16
FFD916
FFD816
FFD716
FFD616
FFD516
FFD416
Address
Interrupt vector area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More