Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38047FAHKP Fiches technique(PDF) 148 Page - Renesas Technology Corp

No de pièce M38047FAHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FAHKP Fiches technique(HTML) 148 Page - Renesas Technology Corp

Back Button M38047FAHKP Datasheet HTML 144Page - Renesas Technology Corp M38047FAHKP Datasheet HTML 145Page - Renesas Technology Corp M38047FAHKP Datasheet HTML 146Page - Renesas Technology Corp M38047FAHKP Datasheet HTML 147Page - Renesas Technology Corp M38047FAHKP Datasheet HTML 148Page - Renesas Technology Corp M38047FAHKP Datasheet HTML 149Page - Renesas Technology Corp M38047FAHKP Datasheet HTML 150Page - Renesas Technology Corp M38047FAHKP Datasheet HTML 151Page - Renesas Technology Corp M38047FAHKP Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 387 page
background image
2-24
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.3.4 Structure of Timer 2, Timer X, Timer Y
Fig. 2.3.5 Structure of Timer Z (low-order, high-order)
Timer 2, Timer X, Timer Y
b7 b6 b5 b4 b3 b2 b1 b0
Timer 2 (T2), Timer X (TX), Timer Y (TY)
(addresses 002216, 002516, 002716)
b
0
1
At reset R W
1
2
3
4
5
6
7
Functions
• Set each timer count value.
• The value set in this register is written to both
each timer and the corresponding timer latch
at the same time.
• When each timer is read out, the count value
of the corresponding timer is read out.
1
1
1
1
1
1
1
Timer Z low-order, Timer Z high-order
b7 b6 b5 b4 b3 b2 b1 b0
Timer Z low-order (TZL), Timer Z high-order (TZH)
(addresses 002816, 002916)
b
0
1
2
3
4
5
6
7
1
Functions
At reset R W
1
• Set each timer count value.
[At write]
• Depending on the write control bit (bit 3 of
TZM), the value set to this register is written to
each timer and the corresponding timer latch
at the same time, or is written only to the latch.
[At read]
• The corresponding timer count value is read
out by reading this register.
• Read both registers in order of TZH and TZL
following.
• Write both registers in order of TZL and TZH
following.
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More