Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38044F9HKP Fiches technique(PDF) 218 Page - Renesas Technology Corp

No de pièce M38044F9HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38044F9HKP Fiches technique(HTML) 218 Page - Renesas Technology Corp

Back Button M38044F9HKP Datasheet HTML 214Page - Renesas Technology Corp M38044F9HKP Datasheet HTML 215Page - Renesas Technology Corp M38044F9HKP Datasheet HTML 216Page - Renesas Technology Corp M38044F9HKP Datasheet HTML 217Page - Renesas Technology Corp M38044F9HKP Datasheet HTML 218Page - Renesas Technology Corp M38044F9HKP Datasheet HTML 219Page - Renesas Technology Corp M38044F9HKP Datasheet HTML 220Page - Renesas Technology Corp M38044F9HKP Datasheet HTML 221Page - Renesas Technology Corp M38044F9HKP Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 387 page
background image
2-94
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.5.3 I2C-BUS overview
The I2C-BUS is a both directions serial bus connected with two signal lines; the SCL which transmits a
clock and the SDA which transmits data.
Each port of the 3804 group has an N-channel open-drain structure for output and a CMOS structure for
input. The devices connected with the I2C-BUS interface use an open drain, so that external pull-up
resistors are required. Accordingly, while any one of devices always outputs “L”, other devices cannot
output “H”.
Figure 2.5.16 shows the I2C-BUS connection structure.
Fig. 2.5.16 I2C-BUS connection structure
SCL output
SCL input
SDA output
SDA input
SCL output
SCL input
SDA output
SDA input
SCL output
SCL input
SDA output
SDA input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More