Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38040F9HKP Fiches technique(PDF) 354 Page - Renesas Technology Corp

No de pièce M38040F9HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38040F9HKP Fiches technique(HTML) 354 Page - Renesas Technology Corp

Back Button M38040F9HKP Datasheet HTML 350Page - Renesas Technology Corp M38040F9HKP Datasheet HTML 351Page - Renesas Technology Corp M38040F9HKP Datasheet HTML 352Page - Renesas Technology Corp M38040F9HKP Datasheet HTML 353Page - Renesas Technology Corp M38040F9HKP Datasheet HTML 354Page - Renesas Technology Corp M38040F9HKP Datasheet HTML 355Page - Renesas Technology Corp M38040F9HKP Datasheet HTML 356Page - Renesas Technology Corp M38040F9HKP Datasheet HTML 357Page - Renesas Technology Corp M38040F9HKP Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 387 page
background image
3-64
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.5 Control registers
Fig. 3.5.22 Structure of Timer 1
Fig. 3.5.23 Structure of Timer 2, Timer X, Timer Y
Timer 1
b7 b6 b5 b4 b3 b2 b1 b0
Timer 1
(T1: address 002116)
b
0
1
At reset R W
1
2
3
4
5
6
7
Functions
• Set timer 1 count value.
• The value set in this register is written to both
the timer 1 and the timer 1 latch at the same
time.
• When the timer 1 is read out, the count value
of the timer 1 is read out.
0
0
0
0
0
0
0
Timer 2, Timer X, Timer Y
b7 b6 b5 b4 b3 b2 b1 b0
Timer 2 (T2), Timer X (TX), Timer Y (TY)
(addresses 002216, 002516, 002716)
b
0
1
At reset R W
1
2
3
4
5
6
7
Functions
• Set each timer count value.
• The value set in this register is written to both
each timer and the corresponding timer latch
at the same time.
• When each timer is read out, the count value
of the corresponding timer is read out.
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More