Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38041F8HKP Fiches technique(PDF) 341 Page - Renesas Technology Corp

No de pièce M38041F8HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38041F8HKP Fiches technique(HTML) 341 Page - Renesas Technology Corp

Back Button M38041F8HKP Datasheet HTML 337Page - Renesas Technology Corp M38041F8HKP Datasheet HTML 338Page - Renesas Technology Corp M38041F8HKP Datasheet HTML 339Page - Renesas Technology Corp M38041F8HKP Datasheet HTML 340Page - Renesas Technology Corp M38041F8HKP Datasheet HTML 341Page - Renesas Technology Corp M38041F8HKP Datasheet HTML 342Page - Renesas Technology Corp M38041F8HKP Datasheet HTML 343Page - Renesas Technology Corp M38041F8HKP Datasheet HTML 344Page - Renesas Technology Corp M38041F8HKP Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 387 page
background image
3-51
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.5 Control registers
Fig. 3.5.3 Structure of Timer 12, X count source selection register
Timer 12, X count source selection register
b7 b6 b5 b4 b3 b2 b1 b0
Timer 12, X count source selection register
(T12XCSS: address 000E16)
b3b2b1b0
0 0 0 0: f(XIN)/2 or f(XCIN)/2
0 0 0 1: f(XIN)/4 or f(XCIN)/4
0 0 1 0: f(XIN)/8 or f(XCIN)/8
0 0 1 1: f(XIN)/16 or f(XCIN)/16
0 1 0 0: f(XIN)/32 or f(XCIN)/32
0 1 0 1: f(XIN)/64 or f(XCIN)/64
0 1 1 0: f(XIN)/128 or f(XCIN)/128
0 1 1 1: f(XIN)/256 or f(XCIN)/256
1 0 0 0: f(XIN)/512 or f(XCIN)/512
1 0 0 1: f(XIN)/1024 or f(XCIN)/1024
1010 to 1111: Not available
b
0
1
2
3
4
5
6
7
Name
1
Functions
At reset R W
1
0
0
1
1
0
0
Timer 12 count
source selection
bits
b7b6b5b4
0 0 0 0: f(XIN)/2 or f(XCIN)/2
0 0 0 1: f(XIN)/4 or f(XCIN)/4
0 0 1 0: f(XIN)/8 or f(XCIN)/8
0 0 1 1: f(XIN)/16 or f(XCIN)/16
0 1 0 0: f(XIN)/32 or f(XCIN)/32
0 1 0 1: f(XIN)/64 or f(XCIN)/64
0 1 1 0: f(XIN)/128 or f(XCIN)/128
0 1 1 1: f(XIN)/256 or f(XCIN)/256
1 0 0 0: f(XIN)/512 or f(XCIN)/512
1 0 0 1: f(XIN)/1024 or f(XCIN)/1024
1 0 1 0: f(XCIN)
1011 to 1111: Not available
Timer X count
source selection
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More