Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38043F7HKP Fiches technique(PDF) 200 Page - Renesas Technology Corp

No de pièce M38043F7HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38043F7HKP Fiches technique(HTML) 200 Page - Renesas Technology Corp

Back Button M38043F7HKP Datasheet HTML 196Page - Renesas Technology Corp M38043F7HKP Datasheet HTML 197Page - Renesas Technology Corp M38043F7HKP Datasheet HTML 198Page - Renesas Technology Corp M38043F7HKP Datasheet HTML 199Page - Renesas Technology Corp M38043F7HKP Datasheet HTML 200Page - Renesas Technology Corp M38043F7HKP Datasheet HTML 201Page - Renesas Technology Corp M38043F7HKP Datasheet HTML 202Page - Renesas Technology Corp M38043F7HKP Datasheet HTML 203Page - Renesas Technology Corp M38043F7HKP Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 387 page
background image
2-76
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
BRG count source
BRG setting value
Transfer bit rate (bps) (Note 2)
(Note 1)
at f(XIN) = 4.9152 MHZ
at f(XIN) = 16 MHZ
f(XIN)/4
255(FF16)
300
976.5625
f(XIN)/4
127(7F16)
600
1953.125
f(XIN)/4
63(3F16)
1200
3906.25
f(XIN)/4
31(1F16)
2400
7812.5
f(XIN)/4
15(0F16)
4800
15625
f(XIN)/4
7(0716)
9600
31250
f(XIN)/4
3(0316)
19200
62500
f(XIN)/4
1(0116)
38400
125000
f(XIN)
3(0316)
76800
250000
f(XIN)
1(0116)
153600
500000
f(XIN)
0(0016)
307200
1000000
Notes 1: Select the BRG count source with bit 0 of the serial I/O1 control register (Address : 001A16).
2: Equation of transfer bit rate:
✽m: When bit 0 of the serial I/O1 control register (Address : 001A16) is set to “0,” a value of
m is 1.
When bit 0 of the serial I/O1 control register (Address : 001A16) is set to “1,” a value of
m is 4.
Table 2.4.4 shows setting examples of the baud rate generator (BRG) values and transfer bit rate
values; Figure 2.4.40 shows registers setting relevant to the transmitting side; Figure 2.4.41 shows
registers setting relevant to the receiving side.
Table 2.4.4 Setting examples of Baud rate generator (BRG) values and transfer bit rate values
Transfer bit rate (bps) =
(BRG setting value + 1) ✕ 16 ✕ m✽
f(XIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More