| Moteur de recherche de fiches techniques de composants électroniques |
|
M38046F6HKP Fiches technique(PDF) 337 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38046F6HKP Fiches technique(HTML) 337 Page - Renesas Technology Corp |
|
337 / 387 page ![]() 3-47 REJ09B0212-0100Z Rev.1.00 Jan 14, 2005 3804 Group (Spec.H) APPENDIX 3.4 Countermeasures against noise 3.4.4 Oscillator concerns Take care to prevent an oscillator that generates clocks for a microcomputer operation from being affected by other signals. (1) Keeping oscillator away from large current signal lines Install a microcomputer (and especially an oscillator) as far as possible from signal lines where a current larger than the tolerance of current value flows. q Reason In the system using a microcomputer, there are signal lines for controlling motors, LEDs, and thermal heads or others. When a large current flows through those signal lines, strong noise occurs because of mutual inductance. Fig. 3.4.6 Wiring for a large current signal line (2) Installing oscillator away from signal lines where potential levels change frequently Install an oscillator and a connecting pattern of an oscillator away from signal lines where potential levels change frequently. Also, do not cross such signal lines over the clock lines or the signal lines which are sensitive to noise. q Reason Signal lines where potential levels change frequently (such as the CNTR pin signal line) may affect other lines at signal rising edge or falling edge. If such lines cross over a clock line, clock waveforms may be deformed, which causes a microcomputer failure or a program runaway. XIN XOUT VSS M Microcomputer Mutual inductance Large current GND Fig. 3.4.7 Wiring of signal lines where potential levels change frequently XIN XOUT VSS CNTR Do not cross N.G. |