| Moteur de recherche de fiches techniques de composants électroniques |
|
M38046F3HKP Fiches technique(PDF) 218 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38046F3HKP Fiches technique(HTML) 218 Page - Renesas Technology Corp |
|
218 / 387 page ![]() 2-94 APPLICATION 2.5 Multi-master I2C-BUS interface Rev.1.00 Jan 14, 2005 REJ09B0212-0100Z 3804 Group (Spec.H) 2.5.3 I2C-BUS overview The I2C-BUS is a both directions serial bus connected with two signal lines; the SCL which transmits a clock and the SDA which transmits data. Each port of the 3804 group has an N-channel open-drain structure for output and a CMOS structure for input. The devices connected with the I2C-BUS interface use an open drain, so that external pull-up resistors are required. Accordingly, while any one of devices always outputs “L”, other devices cannot output “H”. Figure 2.5.16 shows the I2C-BUS connection structure. Fig. 2.5.16 I2C-BUS connection structure SCL output SCL input SDA output SDA input SCL output SCL input SDA output SDA input SCL output SCL input SDA output SDA input |