Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38046F2HKP Fiches technique(PDF) 116 Page - Renesas Technology Corp

No de pièce M38046F2HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046F2HKP Fiches technique(HTML) 116 Page - Renesas Technology Corp

Back Button M38046F2HKP Datasheet HTML 112Page - Renesas Technology Corp M38046F2HKP Datasheet HTML 113Page - Renesas Technology Corp M38046F2HKP Datasheet HTML 114Page - Renesas Technology Corp M38046F2HKP Datasheet HTML 115Page - Renesas Technology Corp M38046F2HKP Datasheet HTML 116Page - Renesas Technology Corp M38046F2HKP Datasheet HTML 117Page - Renesas Technology Corp M38046F2HKP Datasheet HTML 118Page - Renesas Technology Corp M38046F2HKP Datasheet HTML 119Page - Renesas Technology Corp M38046F2HKP Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 387 page
background image
1-98
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 91 Operating waveform for standard serial I/O mode 1
Fig. 92 Operating waveform for standard serial I/O mode 2
Power source
RESET
CNVSS
P45(TXD)
P46(SCLK)
P47(BUSY)
P44(RXD)
td(CNVSS-RESET)
td(P45-RESET)
Symbol
td(CNVss-RESET)
td(P45-RESET)
Limits
Min. Typ. Max.
Unit
0
0
–
–
ms
ms
Notes: In the standard serial I/O mode 1, input “H” to the P46 pin.
Be sure to set the CNVss pin to “H” before rising RESET.
Be sure to set the P45 pin to “H” before rising RESET.
Power source
RESET
CNVSS
P45(TXD)
P47(BUSY)
P44(RXD)
P46(SCLK)
td(CNVSS-RESET)
td(P45-RESET)
Symbol
td(CNVss-RESET)
td(P45-RESET)
Limits
Min. Typ. Max.
Unit
0
0
–
–
ms
ms
Notes: In the standard serial I/O mode 2, input “H” to the P46 pin.
Be sure to set the CNVss pin to “H” before rising RESET.
Be sure to set the P45 pin to “H” before rising RESET.