| Moteur de recherche de fiches techniques de composants électroniques |
|
M38044F2HKP Fiches technique(PDF) 354 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38044F2HKP Fiches technique(HTML) 354 Page - Renesas Technology Corp |
|
354 / 387 page ![]() 3-64 REJ09B0212-0100Z Rev.1.00 Jan 14, 2005 3804 Group (Spec.H) APPENDIX 3.5 Control registers Fig. 3.5.22 Structure of Timer 1 Fig. 3.5.23 Structure of Timer 2, Timer X, Timer Y Timer 1 b7 b6 b5 b4 b3 b2 b1 b0 Timer 1 (T1: address 002116) b 0 1 At reset R W 1 2 3 4 5 6 7 Functions • Set timer 1 count value. • The value set in this register is written to both the timer 1 and the timer 1 latch at the same time. • When the timer 1 is read out, the count value of the timer 1 is read out. 0 0 0 0 0 0 0 Timer 2, Timer X, Timer Y b7 b6 b5 b4 b3 b2 b1 b0 Timer 2 (T2), Timer X (TX), Timer Y (TY) (addresses 002216, 002516, 002716) b 0 1 At reset R W 1 2 3 4 5 6 7 Functions • Set each timer count value. • The value set in this register is written to both each timer and the corresponding timer latch at the same time. • When each timer is read out, the count value of the corresponding timer is read out. 1 1 1 1 1 1 1 |