Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38043F0HKP Fiches technique(PDF) 235 Page - Renesas Technology Corp

No de pièce M38043F0HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38043F0HKP Fiches technique(HTML) 235 Page - Renesas Technology Corp

Back Button M38043F0HKP Datasheet HTML 231Page - Renesas Technology Corp M38043F0HKP Datasheet HTML 232Page - Renesas Technology Corp M38043F0HKP Datasheet HTML 233Page - Renesas Technology Corp M38043F0HKP Datasheet HTML 234Page - Renesas Technology Corp M38043F0HKP Datasheet HTML 235Page - Renesas Technology Corp M38043F0HKP Datasheet HTML 236Page - Renesas Technology Corp M38043F0HKP Datasheet HTML 237Page - Renesas Technology Corp M38043F0HKP Datasheet HTML 238Page - Renesas Technology Corp M38043F0HKP Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 387 page
background image
2-111
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2004
REJ09B0212-0100Z
3804 Group (Spec.H)
➃ Transmission of lower data
Before transmitting the upper data, restart to transmit the data at ➃ and confirm correct completion
of transmission of the lower data set in the slave address reception interrupt.
After that, transmit the upper data.
Fig. 2.5.32 Transmission process of lower data
End
S0 (address 001116)
←Upper data
Error end
0 (ACK)
LRB (address 001316), bit 0 ?
1(NACK)
PIN (address 001316), bit 4 ?
1 (STOP condition)
0 (lower data transmission completed)
4
S1 (address 001316)
← 000100002
• Judgment of bus hold
• ACK confirmation
• Slave receive mode set
• Output upper data write to I2C data shift register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More