Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 165 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 165 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 161Page - Renesas Technology Corp H8/3028F Datasheet HTML 162Page - Renesas Technology Corp H8/3028F Datasheet HTML 163Page - Renesas Technology Corp H8/3028F Datasheet HTML 164Page - Renesas Technology Corp H8/3028F Datasheet HTML 165Page - Renesas Technology Corp H8/3028F Datasheet HTML 166Page - Renesas Technology Corp H8/3028F Datasheet HTML 167Page - Renesas Technology Corp H8/3028F Datasheet HTML 168Page - Renesas Technology Corp H8/3028F Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 923 page
background image
Rev. 2.00, 09/03, page 135 of 890
6.3.5
Address Output Method
The H8/3028 Group provides a choice of two address update methods: either the same method as
in the previous H8/300H Series (address update mode 1), or a method in which address update is
restricted to external space accesses or self-refresh cycles (address update mode 2).
Figure 6.5 shows examples of address output in these two update modes.
On-chip
memory cycle
On-chip
memory cycle
External
read cycle
On-chip
memory cycle
External
read cycle
Address update
mode 1
Address update
mode 2
RD
Figure 6.5 Sample Address Output in Each Address Update Mode
(Basic Bus Interface, 3-State Space)
Address Update Mode 1: Address update mode 1 is compatible with the previous H8/300H
Series. Addresses are always updated between bus cycles.
Address Update Mode 2: In address update mode 2, address updating is performed only in
external space accesses or self-refresh cycles. In this mode, the address can be retained between
an external space read cycle and an instruction fetch cycle (on-chip memory) by placing the
program in on-chip memory. Address update mode 2 is therefore useful when connecting a device
that requires address hold time with respect to the rise of the
RD strobe.
Switching between address update modes 1 and 2 is performed by means of the ADRCTL bit in
ADRCR. The initial value of ADRCR is the address update mode 1 setting, providing
compatibility with the previous H8/300H Series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More