Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 910 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 910 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 906Page - Renesas Technology Corp H8/3028F Datasheet HTML 907Page - Renesas Technology Corp H8/3028F Datasheet HTML 908Page - Renesas Technology Corp H8/3028F Datasheet HTML 909Page - Renesas Technology Corp H8/3028F Datasheet HTML 910Page - Renesas Technology Corp H8/3028F Datasheet HTML 911Page - Renesas Technology Corp H8/3028F Datasheet HTML 912Page - Renesas Technology Corp H8/3028F Datasheet HTML 913Page - Renesas Technology Corp H8/3028F Datasheet HTML 914Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 910 / 923 page
background image
Rev. 2.00, 09/03, page 880 of 890
Appendix E Timing of Transition to and Recovery from
Hardware Standby Mode
Timing of Transition to Hardware Standby Mode
1. To retain RAM contents with the RAME bit set to 1 in SYSCR, drive the
RES signal low 10
system clock cycles before the
STBY signal goes low, as shown below. RES must remain low
until
STBY goes low (minimum delay from STBY low to RES high: 0 ns).
t1 ≥ 10tcyc
t2 ≥ 0 ns
STBY
RES
2. To retain RAM contents with the RAME bit cleared to 0 in SYSCR,
RES does not have to be
driven low as in (1).
Timing of Recovery from Hardware Standby Mode: Drive the
RES signal low approximately
100 ns before
STBY goes high.
STBY
RES
t
≥ 100 ns
tOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More