| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3028F Fiches technique(PDF) 834 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Fiches technique(HTML) 834 Page - Renesas Technology Corp |
|
834 / 923 page ![]() Rev. 2.00, 09/03, page 804 of 890 TCR0—Timer Control Register 0 H'FFF80 8-bit timer channel 0 TCR1—Timer Control Register 1 H'FFF81 8-bit timer channel 1 Bit Initial value Read/Write 0 R/W 7 CMIEB 0 R/W 6 CMIEA 0 R/W 5 OVIE 0 R/W 4 CCLR1 0 R/W 3 CCLR0 0 R/W 2 CKS2 0 R/W 1 CKS1 0 R/W 0 CKS0 Clock select 2 to 0 0 0 0 1 0 1 0 0 1 1 0 1 1 Clock input is disabled Internal clock, counted on rising edge of φ/8 Internal clock, counted on rising edge of φ/64 Internal clock, counted on rising edge of φ/8192 External clock, counted on falling edge External clock, counted on rising edge External clock, counted on both rising and falling edges Counter clear 1 and 0 0 0 1 0 1 Clearing is disabled Cleared by compare match A Cleared by compare match B/input capture B Cleared by input capture B 1 Timer overflow interrupt enable 0 1 OVI interrupt requested by OVF is disabled OVI interrupt requested by OVF is enabled Compare match interrupt enable A 0 1 CMIA interrupt requested by CMFA is disabled CMIA interrupt requested by CMFA is enabled Compare match interrupt enable B 0 1 CMIB interrupt requested by CMFB is disabled CMIB interrupt requested by CMFB is enabled 1 Channel 0: Count on TCNT1 overflow signal * Channel 1: Count on TCNT0 compare match A * Notes: * If the clock input of channel 0 is the TCNT1 overflow signal and that of channel 1 is the TCNT0 compare match signal, no incrementing clock is generated. Do not use this setting. |