Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 741 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 741 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 737Page - Renesas Technology Corp H8/3028F Datasheet HTML 738Page - Renesas Technology Corp H8/3028F Datasheet HTML 739Page - Renesas Technology Corp H8/3028F Datasheet HTML 740Page - Renesas Technology Corp H8/3028F Datasheet HTML 741Page - Renesas Technology Corp H8/3028F Datasheet HTML 742Page - Renesas Technology Corp H8/3028F Datasheet HTML 743Page - Renesas Technology Corp H8/3028F Datasheet HTML 744Page - Renesas Technology Corp H8/3028F Datasheet HTML 745Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 741 / 923 page
background image
Rev. 2.00, 09/03, page 711 of 890
Table A.4
Number of Cycles per Instruction
Instruction Mnemonic
Instruction
Fetch
I
Branch
Addr. Read
J
Stack
Operation
K
Byte Data
Access
L
Word Data
Access
M
Internal
Operation
N
ADD
ADD.B #xx:8, Rd
ADD.B Rs, Rd
ADD.W #xx:16, Rd
ADD.W Rs, Rd
ADD.L #xx:32, ERd
ADD.L ERs, ERd
1
1
2
1
3
1
ADDS
ADDS #1/2/4, ERd
1
ADDX
ADDX #xx:8, Rd
ADDX Rs, Rd
1
1
AND
AND.B #xx:8, Rd
AND.B Rs, Rd
AND.W #xx:16, Rd
AND.W Rs, Rd
AND.L #xx:32, ERd
AND.L ERs, ERd
1
1
2
1
3
2
ANDC
ANDC #xx:8, CCR
1
BAND
BAND #xx:3, Rd
BAND #xx:3, @ERd
BAND #xx:3, @aa:8
1
2
2
1
1
Bcc
BRA d:8 (BT d:8)
BRN d:8 (BF d:8)
BHI d:8
BLS d:8
BCC d:8 (BHS d:8)
BCS d:8 (BLO d:8)
BNE d:8
BEQ d:8
BVC d:8
BVS d:8
BPL d:8
BMI d:8
BGE d:8
BLT d:8
BGT d:8
BLE d:8
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More