| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3028F Fiches technique(PDF) 683 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Fiches technique(HTML) 683 Page - Renesas Technology Corp |
|
683 / 923 page ![]() Rev. 2.00, 09/03, page 653 of 890 Table 21.5 Control Signal Timing Conditions: VCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, VREF = 3.0 V to AVCC, VSS = AVSS = 0 V, Ta = –20°C to +75°C (regular specifications), Ta = –40°C to +85°C (wide-range specifications) Condition f = 2 M to 25 MHz Item Symbol Min Max Unit Test Conditions RES setup time tRESS 150 — ns Figure 21.8 RES pulse width tRESW 20 — tcyc Mode programming setup time tMDS 200 — ns RESO output delay time tRESO — 100 ns Figure 21.9 RESO output pulse width tRESOW 132 — tcyc NMI, IRQ setup time tNMIS 150 — ns Figure 21.10 NMI, IRQ hold time tNMIH 10 — ns NMI, IRQ pulse width tNMIW 200 — ns |