Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 623 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 623 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 619Page - Renesas Technology Corp H8/3028F Datasheet HTML 620Page - Renesas Technology Corp H8/3028F Datasheet HTML 621Page - Renesas Technology Corp H8/3028F Datasheet HTML 622Page - Renesas Technology Corp H8/3028F Datasheet HTML 623Page - Renesas Technology Corp H8/3028F Datasheet HTML 624Page - Renesas Technology Corp H8/3028F Datasheet HTML 625Page - Renesas Technology Corp H8/3028F Datasheet HTML 626Page - Renesas Technology Corp H8/3028F Datasheet HTML 627Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 623 / 923 page
background image
Rev. 2.00, 09/03, page 593 of 890
n = N?
Yes
No
Set pins to boot program mode and execute reset-start
n = 1
n + 1
→ n
Host transfers data (H'00) continuously at prescribed
bit rate
H8/3028F-ZTAT measures low period of H'00 data
transmitted by host
After bit rate adjustment, H8/3028F-ZTAT transmits one
H'00 data byte to host to indicate end of adjustment
Host confirms normal reception of bit rate adjustment
end indication (H'00), and transmits one H'55 data byte
After receiving H'55, H8/3028F-ZTAT transmits one
H'AA byte to host
Host transmits number of programming control program
bytes (N), upper byte followed by lower byte
H8/3028F-ZTAT transmits received number of bytes to
host as verify data (echo-back)
Host transmits programming control program
sequentially in byte units
H8/3028F-ZTAT transmits received programming
control program to host as verify data (echo-back)
Transfer received programming control program to
on-chip RAM
End of transmission
Check flash memory data, and if data has already been
written, erase all blocks
After confirming that all flash memory data has been
erased, H8/3028F-ZTAT transmits one H'AA byte to
host
Execute programming control program transferred to
on-chip RAM
Start
H8/3028F-ZTAT calculates bit rate and sets value in bit
rate register
Note: If a memory cell does not operate normally and cannot be erased, one H'FF byte is transmitted as an erase error
indication, and the erase operation and subsequent operations are halted.
Figure 18.6 Boot Mode Execution Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More