Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 549 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 549 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 545Page - Renesas Technology Corp H8/3028F Datasheet HTML 546Page - Renesas Technology Corp H8/3028F Datasheet HTML 547Page - Renesas Technology Corp H8/3028F Datasheet HTML 548Page - Renesas Technology Corp H8/3028F Datasheet HTML 549Page - Renesas Technology Corp H8/3028F Datasheet HTML 550Page - Renesas Technology Corp H8/3028F Datasheet HTML 551Page - Renesas Technology Corp H8/3028F Datasheet HTML 552Page - Renesas Technology Corp H8/3028F Datasheet HTML 553Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 549 / 923 page
background image
Rev. 2.00, 09/03, page 519 of 890
Bit 2
TEND
Description
0
Transmission is in progress
[Clearing conditions]
• Software reads TDRE while it is set to 1, then writes 0 in the TDRE flag.
• The DMAC or DTC writes data in TDR.
1
End of transmission
[Setting conditions]
(Initial value)
• The chip is reset or enters standby mode.
• The TE bit and FER/ERS bit are both cleared to 0 in SCR.
• TDRE is 1 and FER/ERS is 0 at a time 2.5 etu after the last bit of a 1-byte serial
character is transmitted (normal transmission).
Note: etu (Elementary time unit: the time for transfer of one bit)
14.2.3
Serial Mode Register (SMR)
The function of SMR bit 7 is modified in smart card interface mode. This change also causes a
modification to the function of bits 1 and 0 in the serial control register (SCR).
7
GM
0
R/W
6
CHR
0
R/W
5
PE
0
R/W
4
O/
E
0
R/W
3
STOP
0
R/W
0
CKS0
0
R/W
2
MP
0
R/W
1
CKS1
0
R/W
Bit
Initial value
Read/Write
Bit 7—GSM Mode (GM): With the normal smart card interface, this bit is cleared to 0. Setting
this bit to 1 selects GSM mode, an additional mode for controlling the timing for setting the
TEND flag that indicates completion of transmission, and the type of clock output used. The
details of the additional clock output control mode are specified by the CKE1 and CKE0 bits in
the serial control register (SCR).
Bit 7
GM
Description
0
Normal smart card interface mode operation
The TEND flag is set 12.5 etu after the beginning of the start bit.
Clock output on/off control only.
(Initial value)
1
GSM mode smart card interface mode operation
The TEND flag is set 11.0 etu after the beginning of the start bit.
Clock output on/off and fixed-high/fixed-low control.
Note: etu (Elementary time unit: the time for transfer of one bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More