| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3028F Fiches technique(PDF) 512 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Fiches technique(HTML) 512 Page - Renesas Technology Corp |
|
512 / 923 page ![]() Rev. 2.00, 09/03, page 482 of 890 1 D0 D1 D2 D3 D4 D5 D6 D7 0/1 1 Idle (mark) state 1 (MSB) (LSB) 0 1 Serial data Start bit 1 bit Transmit or receive data 7 or 8 bits One unit of data (character or frame) 1 bit, or none Parity bit 1 or 2 bits Stop bit(s) Figure 13.2 Data Format in Asynchronous Communication (Example: 8-Bit Data with Parity and 2 Stop Bits) Communication Formats Table 13.10 shows the 12 communication formats that can be selected in asynchronous mode. The format is selected by settings in SMR. |