Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 470 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 470 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 466Page - Renesas Technology Corp H8/3028F Datasheet HTML 467Page - Renesas Technology Corp H8/3028F Datasheet HTML 468Page - Renesas Technology Corp H8/3028F Datasheet HTML 469Page - Renesas Technology Corp H8/3028F Datasheet HTML 470Page - Renesas Technology Corp H8/3028F Datasheet HTML 471Page - Renesas Technology Corp H8/3028F Datasheet HTML 472Page - Renesas Technology Corp H8/3028F Datasheet HTML 473Page - Renesas Technology Corp H8/3028F Datasheet HTML 474Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 923 page
background image
Rev. 2.00, 09/03, page 440 of 890
12.2.2
Timer Control/Status Register (TCSR)
TCSR is an 8-bit readable and writable register. Its functions include selecting the timer mode and
clock source.
Bit
Initial value
Read/Write
Notes: TCSR is write-protected by a password. For details see section 12.2.4, Notes on Register
Access.
* Only 0 can be written, to clear the flag.
7
OVF
0
R/(W)*
6
WT/IT
0
R/W
5
TME
0
R/W
4
—
1
—
3
—
1
—
0
CKS0
0
R/W
2
CKS2
0
R/W
1
CKS1
0
R/W
Overflow flag
Status flag indicating overflow
Clock select
These bits select the
TCNT clock source
Timer mode select
Selects the mode
Timer enable
Selects whether TCNT runs or halts
Reserved bits
Bits 7 to 5 are initialized to 0 by a reset and in standby mode. Bits 2 to 0 are initialized to 0 by a
reset. In software standby mode bits 2 to 0 are not initialized, but retain their previous values.
Bit 7—Overflow Flag (OVF): This status flag indicates that the timer counter has overflowed
from H'FF to H'00.
Bit 7
OVF
Description
0
[Clearing condition]
Cleared by reading OVF when OVF = 1, then writing 0 in OVF
(Initial value)
1
[Setting condition]
Set when TCNT changes from H'FF to H'00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More