| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3028F Fiches technique(PDF) 386 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Fiches technique(HTML) 386 Page - Renesas Technology Corp |
|
386 / 923 page ![]() Rev. 2.00, 09/03, page 356 of 890 9.4.6 16-Bit Timer Output Timing The initial value of 16-bit timer output when a timer count operation begins can be specified arbitrarily by making a setting in TOLR. Figure 9.32 shows the timing for setting the initial value with TOLR. Only write to TOLR when the corresponding bit in TSTR is cleared to 0. T1 TOLR address N N T2 T3 Address bus φ TOLR 16-bit timer output pin Figure 9.32 Timing for Setting 16-Bit Timer Output Level by Writing to TOLR |