| Moteur de recherche de fiches techniques de composants électroniques |
|
7721 Fiches technique(PDF) 288 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Fiches technique(HTML) 288 Page - Renesas Technology Corp |
|
288 / 577 page ![]() 7721 Group User’s Manual 13-9 DMA CONTROLLER Fig. 13.2.3 Timing of bus request sampling 13.2 Block description The above applies on the following conditions: •Cycle-steal transfer mode •DMA request source = external request (DMAREQi) •1-bus cycle transfer •No Wait E HOLD BUS REQUEST (Hold) Bus request sampling ST1, ST0 When access is complete in 1 bus cycle When 16-bit data is accessed in a unit of 8 bits Transition of right to use bus (1, 1) (0, 0) (1, 1) Refresh E Refresh request BUS REQUEST(DRAMC) Bus request sampling ST1, ST0 (0, 0) Bus used by CPU s DRAM refresh This is the term in which the bus is not used so that sampi ng is performed every 1 cycle of . Sampling is performed after completion of Sampling is performed after completion of a refresh cycle. 1 bus cycle. H Hold state H DMA transfer H s Hold s DMA transfer Refresh (1, 1) Hold state E DMAREQi DMAi request bit BUS REQUEST (DMAC) Bus request sampling ST1, ST0 (1, 1) (0, 1) (1, 1) (1, 1) (1, 1) (0, 1) (1, 1) (1, 0) (1, 1) (1, 1) (1, 1) (1, 0) DMA transfer This is the term in which the bus is not used so that sampling is performed every 1 cycle of . This is at Holol state so that sampling is performed every 1 cycle of . Sampling is performed after completion of 1 bus cycle. This is the term in which the bus is not used so that sampling is performed every 1 cycle of Sampling is performed after completion of Sampling is performed after complet on of 1-unit transfer. 1 bus cycle. s CPU E Bus request sampling ST1, ST0 (1, 1) Bus used by CPU by CPU Bus used by CPU Transition of right to use bus Transition of right to use bus Transition of right to use bus Transition of right to use bus Transition of right to use bus Transition of right to use bus Transition of right to use bus Transition of right to use bus Transition of right to use bus Transition of right to use bus Transition of right to use bus . This is the term in which the bus is not used so that sampling is performed every 1 cycle of Sampling is performed after completion of 1 bus cycle. 16-bit data is accessed in a unit of 8 bits, so that sampling is performed after completion of the second bus cycle. Bus used . i |