| Moteur de recherche de fiches techniques de composants électroniques |
|
7721 Fiches technique(PDF) 271 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Fiches technique(HTML) 271 Page - Renesas Technology Corp |
|
271 / 577 page ![]() 7721 Group User’s Manual 12–20 A-D CONVERTER 12.7 Single sweep mode In the single sweep mode, the operation for the input voltage from multiple selected analog input pins is performed, one at a time. The A-D converter is operated in ascending sequence from the AN0 pin. The A-D conversion interrupt request occurs when the operation for all selected input pins are completed. 12.7.1 Settings for single sweep mode Figure 12.7.1 shows an initial setting example for registers relevant to the single sweep mode. When using an interrupt, it is necessary to set the relevant registers to enable the interrupt. Refer to “CHAPTER 7. INTERRUPTS” for more information. 12.7 Single sweep mode |