| Moteur de recherche de fiches techniques de composants électroniques |
|
7721 Fiches technique(PDF) 254 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Fiches technique(HTML) 254 Page - Renesas Technology Corp |
|
254 / 577 page ![]() A-D CONVERTER 7721 Group User’s Manual 12–3 12.2 Block description Figure 12.2.1 shows the block diagram of the A-D converter. Registers relevant to the A-D converter are described below. 12.2 Block description Fig. 12.2.1 Block diagram of A-D converter AVSS VREF Vref AN0 AN1 AN2 AN3 AN4 AN5 AN6 AN7/ADTRG VIN 1/2 f2 1/2 AD Decoder Resistor ladder network Successive approximation register A-D register 2 A-D register 3 A-D register 4 A-D register 5 A-D register 6 A-D register 7 A-D register 0 A-D register 1 A-D control register Comparator Selector Data bus (even) A-D sweep pin select register |