| Moteur de recherche de fiches techniques de composants électroniques |
|
7721 Fiches technique(PDF) 248 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Fiches technique(HTML) 248 Page - Renesas Technology Corp |
|
248 / 577 page ![]() 7721 Group User’s Manual 11–45 SERIAL I/O 11.4 Clock asynchronous serial I/O (UART) mode Fig. 11.4.12 Example of receive timing when transfer data length = 8 bits (when parity disabled, ____ selecting 1 stop bit, selecting RTS function) D0 D1 D7 RxDi RTSi The above timing diagram applies when the following conditions are satisfied: q Parity disabled q 1 stop bit q RTS function selected BRGi count source Receive enable bit Transfer clock Receive complete flag UARTi receive interrupt request bit Start bit Sampled “L” Received data taken in Stop bit At falling edge of start bit, transfer clock is generated and reception started. UARTi receive register UARTi receive buffer register Cleared to “0” when interrupt request is accepted or cleared by software. |