Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7721 Fiches technique(PDF) 239 Page - Renesas Technology Corp

No de pièce 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Fiches technique(HTML) 239 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 235Page - Renesas Technology Corp 7721 Datasheet HTML 236Page - Renesas Technology Corp 7721 Datasheet HTML 237Page - Renesas Technology Corp 7721 Datasheet HTML 238Page - Renesas Technology Corp 7721 Datasheet HTML 239Page - Renesas Technology Corp 7721 Datasheet HTML 240Page - Renesas Technology Corp 7721 Datasheet HTML 241Page - Renesas Technology Corp 7721 Datasheet HTML 242Page - Renesas Technology Corp 7721 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–36
11.4 Clock asynchronous serial I/O (UART) mode
Fig. 11.4.4 Writing data after start of transmission
[When not using interrupts]
[When using interrupts]
A UARTi transmit interrupt request occurs
when the UARTi transmit buffer register
becomes empty.
UARTi transmit interrupt
Note :
UART0 transmit buffer register (Addresses 3316, 3216)
UART1 transmit buffer register (Addresses 3B16, 3A16)
b7
b0
Writing of next transmit data
Set transmit data here.
b0
UART0 transmit/receive control register 1 (Address 3516)
UART1 transmit/receive control register 1 (Address 3D16)
b7
Transmit buffer empty flag
0: Data present in transmit buffer register
1: No data present in transmit buffer register
(Writing of next transmit data is possible.)
Checking state of UARTi transmit buffer register
1
This figure shows the bits and registers
required for processing.
Refer to “Figures 11.4.6 to 11.4.8” for the
change of flag state and the occurrence
timing of an interrupt request.
b0
b8
b15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More