| Moteur de recherche de fiches techniques de composants électroniques |
|
7721 Fiches technique(PDF) 101 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Fiches technique(HTML) 101 Page - Renesas Technology Corp |
|
101 / 577 page ![]() 7721 Group User’s Manual INTERRUPTS 7–4 Remarks Non-maskable Non-maskable software interrupt Non-maskable software interrupt Do not use. Non-maskable interrupt Maskable external interrupts Maskable internal interrupts Maskable internal interrupts Maskable internal interrupts Maskable internal interrupt Maskable internal interrupts 7.2 Interrupt sources Table 7.2.1 lists the interrupt sources and the interrupt vector addresses. When programming, set the start address of each interrupt routine at the vector addresses listed in this table. 7.2 Interrupt sources Low-order address FFFE16 FFFC16 FFFA16 FFF816 FFF616 FFF416 FFF216 FFF016 FFEE16 FFEC16 FFEA16 FFE816 FFE616 FFE416 FFE216 FFE016 FFDE16 FFDC16 FFDA16 FFD816 FFD616 FFD416 FFD216 FFD016 FFCE16 Interrupt vector addresses Table 7.2.1 Interrupt sources and interrupt vector addresses High-order address FFFF16 FFFD16 FFFB16 FFF916 FFF716 FFF516 FFF316 FFF116 FFEF16 FFED16 FFEB16 FFE916 FFE716 FFE516 FFE316 FFE116 FFDF16 FFDD16 FFDB16 FFD916 FFD716 FFD516 FFD316 FFD116 FFCF16 Interrupt source Reset Zero division BRK instruction ____ DBC (Note) Watchdog timer ____ INT0 ____ INT1 ____ INT2 Timer A0 Timer A1 Timer A2 Timer A3 Timer A4 Timer B0 Timer B1 Timer B2 UART0 receive UART0 transmit UART1 receive UART1 transmit A-D conversion DMA0 DMA1 DMA2 DMA3 ____ Note: The DBC interrupt is used exclusively for debugger control. qMaskable interrupt: An interrupt of which request’s acceptance can be disabled by software. qNon-maskable interrupt (including Zero division, BRK instruction, Watchdog timer interrupts): An interrupt which is certain to be accepted when its request occurs. These interrupts do not have their interrupt control registers and are not affected by the interrupt disable flag (I). Reference 4. RESET 7700 Family Software Manual 15. WATCHDOG TIMER 7.10 External interrupts ____ (INTi interrupt) 8. TIMER A 9. TIMER B 11. SERIAL I/O 12. A-D CONVERTER 13. DMA CONTROLLER |