| Moteur de recherche de fiches techniques de composants électroniques |
|
M30620FCAFP Fiches technique(PDF) 612 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP Fiches technique(HTML) 612 Page - Renesas Technology Corp |
|
612 / 615 page ![]() Index A A practical example of connecting to the reset IC ........ ............................................................................ 2-288 A-D Converter ..................................................... 1-149 A-D Converter Usage .......................................... 2-110 Address Match Interrupt ........................................ 1-63 Address Match Interrupt Usage .......................... 2-158 Applications ............................................................. 1-2 B Block Diagram ......................................................... 1-5 Bus Control ........................................................... 1-28 Bus Settings .......................................................... 1-26 Buzzer Output ..................................................... 2-204 C Central Processing Unit (CPU) ............................. 1-12 Check Sheet ........................................................ 2-254 Clock Control ......................................................... 1-37 Clock Generating Circuit ....................................... 1-36 Clock Output ......................................................... 1-40 Clock-Asynchronous Serial I/O (UART) Usage ..... 2-74 Clock-Synchronous Serial I/O Usage .................... 2-52 Connectable Memories ....................................... 2-232 Connection Examples ......................................... 2-226 Controlling Power Using Stop Mode ................... 2-212 Controlling Power Using Wait Mode ................... 2-216 Countermeasures against noise ......................... 2-289 CPU Rewrite Mode ............................................. 1-219 CRC Calculation Circuit ...................................... 1-161 CRC Calculation Circuit Usage ........................... 2-152 D D-A Converter ..................................................... 1-159 D-A Converter Usage .......................................... 2-142 Data Access ........................................................ 2-223 Delayed One-Shot Output ................................... 2-200 Description .............................................................. 1-2 DMAC .................................................................... 1-68 DMAC Usage ...................................................... 2-144 E Example of oscillator circuit ................................... 1-36 F Features .................................................................. 1-2 Flash Memory ..................................................... 1-218 Functions To Inhibit Rewriting Flash Memory Version ............................................................................ 1-233 I ______ INT Interrupt .......................................................... 1-61 Internal Reserved Area Expansion Bit (PM13) ...... 1-24 Interrupt Control .................................................... 1-51 Interrupt Priority ..................................................... 1-59 Interrupt resolution circuit ...................................... 1-59 Interrupt Sequence ................................................ 1-55 Items to be submitted when ordering masked ROM version ................................................................. 1-173 K Key Input Interrupt ................................................. 1-62 Key-Input Interrupt Usage ................................... 2-162 L Long-Period Timers ............................................. 2-192 M Memory ................................................................. 1-11 Memory Map (External ROM version) ................. 2-249 Memory to Memory DMA Transfer ...................... 2-208 Multiple interrupts Usage .................................... 2-166 N ______ NMI Interrupt ......................................................... 1-62 O Operation of Functional Blocks ............................. 1-11 Outline Performance ........................................... 1-217 Outline Performance (CPU Rewrite Mode) ......... 1-220 Overview of External Buses ................................ 2-222 Overview of Interrupt ............................................. 1-46 Overview of standard serial I/O mode 1 (clock syn- chronized) ........................................................... 1-240 Overview of standard serial I/O mode 2 (clock asynchronized) .................................................... 1-256 |