| Moteur de recherche de fiches techniques de composants électroniques |
|
M30620FCAFP Fiches technique(PDF) 561 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP Fiches technique(HTML) 561 Page - Renesas Technology Corp |
|
561 / 615 page ![]() External ROM Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 2-244 The external ROM version can operate only in the microprocessor mode. Functions of the external ROM version differ from those of the mask ROM version in the following. there- fore, only the differences are described in this chapter: For the other functions, refer to chapters 1 to 4. • Memory map • Operated in only microprocessor mode |