| Moteur de recherche de fiches techniques de composants électroniques |
|
M16C/62 Fiches technique(PDF) 228 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 Fiches technique(HTML) 228 Page - Renesas Technology Corp |
|
228 / 621 page ![]() t Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 213 GZZ SH12 58B <82A0> MITSUBISHI ELECTRIC SINGLE-CHIP 16-BIT MICROCOMPUTER M30620M8-XXXFP/GP MASK ROM CONFIRMATION FORM Mask ROM number 4. Special item (Indicate none if there is no specified item) (2) Which kind of XCIN-XCOUT oscillation circuit is used? Ceramic resonator Quartz-crystal oscillator External clock input Other ( ) What frequency do you use? f(XCIN) = kHZ (3) Which operation mode do you use? Single-chip mode Memory expansion mode Microprocessor mode (4) Which operating ambient temperature do you use? –10 °C to 75 °C –20 °C to 75 °C –40 °C to 75 °C –10 °C to 85 °C –20 °C to 85 °C –40 °C to 85 °C (5) Which operating supply voltage do you use? 2.7V to 3.2V 3.2V to 3.7V 3.7V to 4.2V 4.2V to 4.7V 4.7V to 5.2V 5.2V to 5.5V Thank you cooperation. |