| Moteur de recherche de fiches techniques de composants électroniques |
|
M16C/62 Fiches technique(PDF) 197 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 Fiches technique(HTML) 197 Page - Renesas Technology Corp |
|
197 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Electrical characteristics 182 Table 1.26.1. Absolute maximum ratings Note 1: When writing to EPROM ,only CNVss is –0.3 to 13 (V) . Note 2: Specify a product of -40 to 85 °C to use it. VREF, XIN XOUT VO -0.3 to Vcc+0.3 -0.3 to Vcc+0.3 Pd Ta=25 -0.3 to 6.5 -0.3 to 6.5 V V V VI AVcc Vcc Tstg Topr mW V -65 to 150 300 -20 to 85 / -40 to 85(Note 2) P30 to P37, P40 to P47, P50 to P57, P60 to P67, P72 to P77, P80 to P87, P00 to P07, P10 to P17, P20 to P27, P30 to P37,P40 to P47, P50 to P57, P60 to P67,P72 to P77, P80 to P84, P00 to P07, P10 to P17, P20 to P27, RESET, P90 to P97, P100 to P107, P86, P87, P90 to P97, P100 to P107, P70, P71,(EPROM : CNVSS, BYTE) P70, P71, -0.3 to 6.5(Note 1) -0.3 to 6.5 V V (maskROM : CNVSS, BYTE), VCC=AVCC VCC=AVCC C C C Symbol Parameter Condition Rated value Unit Supply voltage Analog supply voltage Input voltage Output voltage Power dissipation Operating ambient temperature Storage temperature |