| Moteur de recherche de fiches techniques de composants électroniques |
|
M16C/62 Fiches technique(PDF) 482 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 Fiches technique(HTML) 482 Page - Renesas Technology Corp |
|
482 / 615 page ![]() Key-Input Interrupt Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 2-165 Figure 2.13.5. Set-up procedure of key-input interrupt Setting interrupt control register Key input interrupt control register [Address 004D16] KUPIC b7 b0 Interrupt priority level select bit 0 0 0 : Level 0 (interrupt disabled) 0 0 1 : Level 1 0 1 0 : Level 2 0 1 1 : Level 3 1 0 0 : Level 4 1 0 1 : Level 5 1 1 0 : Level 6 1 1 1 : Level 7 b2 b1 b0 Interrupt request bit 0 : Interrupt not requested Setting port P10 direction register Port P10 direction register [Address 03F616] PD10 0 : Input mode (Functions as an input port) 1 : Output mode (Functions as an output port) b7 b0 Setting pull-up control register 2 Pull-up control register 2 [Address 03FE16] PUR2 b7 b0 P104 to P107 1 : Pulled high 1 0 |