| Moteur de recherche de fiches techniques de composants électroniques |
|
R8C/15 Fiches technique(PDF) 255 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/15 Fiches technique(HTML) 255 Page - Renesas Technology Corp |
|
255 / 277 page ![]() R8C/14 Group, R8C/15 Group 20. Precautions Rev.2.10 Jan 19, 2006 Page 243 of 253 REJ09B0164-0210 20.6 Clock Synchronous Serial I/O (SSU) with Chip Select 20.6.1 Access Registers Associated with SSU After the conditions of “3 instructions or more after writing to the registers associated with SSU (00B8h to 00BFh)“ or “4 cycles or more after writing to them” are met, read those registers. • An example to wait for 3 instructions or more Program Example MOV.B #00h,00BBh ; Set the SSER register to “00h”. NOP NOP NOP MOV.B 00BBh,R0L • An example to wait for 4 cycles or more Program Example BCLR 4,00BBh : Disable transmit JMP.B NEXT NEXT: BEST 3,00BBh : Enable receive |