| Moteur de recherche de fiches techniques de composants électroniques |
|
M16C/1N Fiches technique(PDF) 174 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/1N Fiches technique(HTML) 174 Page - Renesas Technology Corp |
|
174 / 238 page ![]() Rev.1.00 Oct 20, 2004 page 162 of 222 M16C/1N Group 17. Programmable I/O Ports REJ09B0007-0100Z Figure 17.8 CAN0 I/O pin select register b7 b6 b5 b4 b3 b2 b1 b0 CAN0 I/O pin select register (Note 1) CIO0C CAN0 I/O pin Symbol CIOSR Address 00F816 When reset XXXXXXX02 Function Bit name Bit symbol 0 : CTx = P02 pin CRx = P03 pin 1 : CTx = P50 pin CRx = P51 pin Note 1: Set bit 2 of protect register (address 000A16) to "1" before rewriting to this register. RW RW |