| Moteur de recherche de fiches techniques de composants électroniques |
|
M32C/86 Fiches technique(PDF) 393 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/86 Fiches technique(HTML) 393 Page - Renesas Technology Corp |
|
393 / 505 page ![]() Page 370 9 7 4 f o 5 0 0 2 , 8 0 . p e S 0 0 . 1 . v e R 0 0 1 0 - 4 0 2 0 B 9 0 J E R 24. Programmable I/O Ports ) T 6 8 / C 2 3 M , 6 8 / C 2 3 M ( p u o r G 6 8 / C 2 3 M Figure 24.3 Programmable I/O Ports (3) A B C P53 P60 to P67 P82 P90 to P92 P93 to P96 P140 to P143 P120 to P127 P130 to P137 P150 P151 Option Port (A) Hysteresis Circuit (B) Peripheral Function Input Circuit (C) Analog I/F P70, P71 P76, P77 P97 P110 to P113 Circuit (D) Direction Register Port Latch Input to each Peripheral Function Analog Signal Select Pull-up Data Bus PS0 to PS9 Registers NOTES: 1. P70 and P71 are ports for the N-channel open drain output. D Output from each Peripheral Function (1) : Available : Not Available Programmable I/O ports with the Function Select Register |