| Moteur de recherche de fiches techniques de composants électroniques |
|
HD64F2149YV Fiches technique(PDF) 885 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV Fiches technique(HTML) 885 Page - Renesas Technology Corp |
|
885 / 1075 page ![]() Appendix A Instruction Set Rev. 3.00 Jan 18, 2006 page 857 of 1044 REJ09B0280-0300 Instruction Mnemonic Instruction Fetch I Branch Address Read J Stack Operation K Byte Data Access L Word Data Access M Internal Operation N SUBS SUBS #1/2/4,ERd 1 SUBX SUBX #xx:8,Rd 1 SUBX Rs,Rd 1 TAS TAS @ERd* 3 22 TRAPA TRAPA #x:2 Normal 2 1 2/3 * 1 2 Advanced 2 2 2/3 * 1 2 XOR XOR.B #xx:8,Rd 1 XOR.B Rs,Rd 1 XOR.W #xx:16,Rd 2 XOR.W Rs,Rd 1 XOR.L #xx:32,ERd 3 XOR.L ERs,ERd 2 XORC XORC #xx:8,CCR 1 XORC #xx:8,EXR 2 Notes: 1. 2 when EXR is invalid, 3 when valid. 2. When n bytes of data are transferred. 3. Only register ER0, ER1, ER4, or ER5 should be used when using the TAS instruction. 4. Only registers ER0 to ER6 should be used when using the STM/LDM instruction. |