Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD64F2149YV Fiches technique(PDF) 819 Page - Renesas Technology Corp

No de pièce HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Fiches technique(HTML) 819 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 815Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 816Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 817Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 818Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 819Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 820Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 821Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 822Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 823Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 819 / 1075 page
background image
Section 25 Electrical Characteristics
Rev. 3.00 Jan 18, 2006 page 791 of 1044
REJ09B0280-0300
25.3.4
Timing of On-Chip Supporting Modules
Tables 25.8 to 25.10 show the on-chip supporting module timing. The only on-chip supporting
modules that can operate in subclock operation (
φ = 32.768 kHz) are the I/O ports, external
interrupts (NMI and IRQ0, 1, 2, 6, and 7), the watchdog timer, and the 8-bit timer (channels 0 and
1).
Table 25.8
Timing of On-Chip Supporting Modules (1)
Condition:
V
CC = 2.7 V to 3.6 V, VCCB = 2.7 V to 5.5 V, VSS = 0 V, φ = 32.768 kHz
*, 2 MHz to
maximum operating frequency, T
a = –20 to +75°C
Condition
10 MHz
Item
Symbol
Min
Max
Unit
Test Conditions
I/O ports
Output data delay time
t
PWD
—
100
ns
Figure 25.14
Input data setup time
t
PRS
50
—
Input data hold time
t
PRH
50
—
FRT
Timer output delay time
t
FTOD
—
100
ns
Figure 25.15
Timer input setup time
t
FTIS
50
—
Timer clock input setup time
t
FTCS
50
—
Figure 25.16
Single edge
t
FTCWH
1.5
—
t
cyc
Timer clock
pulse width
Both edges
t
FTCWL
2.5
—
TMR
Timer output delay time
t
TMOD
—
100
ns
Figure 25.17
Timer reset input setup time
t
TMRS
50
—
Figure 25.19
Timer clock input setup time
t
TMCS
50
—
Figure 25.18
Single edge
t
TMCWH
1.5
—
t
cyc
Timer clock
pulse width
Both edges
t
TMCWL
2.5
—
PWM,
PWMX
Pulse output delay time
t
PWOD
—
100
ns
Figure 25.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More