| Moteur de recherche de fiches techniques de composants électroniques |
|
M66596FP Fiches technique(PDF) 122 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M66596FP Fiches technique(HTML) 122 Page - Renesas Technology Corp |
|
122 / 131 page ![]() M66596FP/WG rev .1.00 2006.3.14 page 122 of 127 4.9.5.8 DMA burst transfer write timing when no strobe is used (split bus: DFORM=100, OBUS=1/0) 18 tdis (CTRLH - Dreq) tw (CTRL_B) 48 tsu (D) th (D) 43 44 DREQi_N (i=0, 1) DACKi_N (i=0, 1) SD7-SD0 D0 tsu (Dend) th (Dend) 45 46 DENDi_N (i=0, 1) trec (CTRL_B) tw (cycle) 49 47 D1 Dn D2 17 tdis (CTRL - Dreq) 4.9.5.9 DMA burst transfer read timing when no strobe is used (split bus: DFORM=100, OBUS=1) 17 tdis (CTRL - Dreq) tw (CTRL_B) 48 ta (CTRL - D) tv (CTRL - D) 4 3 DREQi_N (i=0, 1) DACKi_N (i=0, 1) SD7-SD0 D0 ta (CTRL - Dend) tv (CTRL - DendV) 13 14 DENDi_N (i=0, 1) trec (CTRL_B) tw (cycle) 49 47 D1 Dn-1 Dn |