Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE3800SXL Fiches technique(PDF) 115 Page - STMicroelectronics

No de pièce ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Fiches technique(HTML) 115 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 111Page - STMicroelectronics ADE3800SXL Datasheet HTML 112Page - STMicroelectronics ADE3800SXL Datasheet HTML 113Page - STMicroelectronics ADE3800SXL Datasheet HTML 114Page - STMicroelectronics ADE3800SXL Datasheet HTML 115Page - STMicroelectronics ADE3800SXL Datasheet HTML 116Page - STMicroelectronics ADE3800SXL Datasheet HTML 117Page - STMicroelectronics ADE3800SXL Datasheet HTML 118Page - STMicroelectronics ADE3800SXL Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 138 page
background image
115/138
ADE3800
Register Description by Block
ANA_LVDSANA1
0061
[7:6]
R/W
00
Bit 3 Data Interface Delay Adjustment, see Bit 0
[5:4]
R/W
Bit 2 Data Interface Delay Adjustment, see Bit 0
[3:2]
R/W
Bit 1 Data Interface Delay Adjustment, see Bit 0
[1:0]
R/W
Bit 0 Data Interface Delay Adjustment
0*: 0ps (normal)
1: 90ps
2: 210ps
3: 460ps
ANA_LVDSANA2
0062
[7]
C0
PLL power control
0: on
1*: off
[6]
PLL Global Data Interface Delay
0: no delay
1*: delay (normal)
[5:4]
R/W
Bit 6 Data Interface Delay Adjustment, see Bit 0
[3:2]
R/W
Bit 5 Data Interface Delay Adjustment, see Bit 0
[1:0]
R/W
Bit 4 Data Interface Delay Adjustment, see Bit 0
ANA_LVDSANA4
0064
[6:4]
R/W
01
LVDS Clock Skew
LSB = 135ps (typ)
[3]
LVDS Clock Skew Enable
0*: no delay (normal)
1: delay
[2]
LVDSclkout1 output polarity
0*: normal
1: invert
[1]
LVDSclkout0 output polarity
0*: normal
1: invert
[0]
LVDS & RSDS Master Power Control (Overrides
ANA_LVDSANA5[7], ANA_LVDSANA6[7], and
ANA_LVDSANA2[7])
Table 41: LVDS/RSDS Registers (Sheet 2 of 5)
Register Name
Address
Bits
Mode
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More