Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C167CS Fiches technique(PDF) 105 Page - Infineon Technologies AG

No de pièce C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Fiches technique(HTML) 105 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 101Page - Infineon Technologies AG C167CS Datasheet HTML 102Page - Infineon Technologies AG C167CS Datasheet HTML 103Page - Infineon Technologies AG C167CS Datasheet HTML 104Page - Infineon Technologies AG C167CS Datasheet HTML 105Page - Infineon Technologies AG C167CS Datasheet HTML 106Page - Infineon Technologies AG C167CS Datasheet HTML 107Page - Infineon Technologies AG C167CS Datasheet HTML 108Page - Infineon Technologies AG C167CS Datasheet HTML 109Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 517 page
background image
C167CS
Derivatives
Interrupt and Trap Functions
User’s Manual
5-22
V2.0, 2000-07
After an interrupt service routine has been terminated by executing the RETI instruction,
and if further interrupts are pending, the next interrupt service routine will not be entered
until at least two instruction cycles have been executed of the program that was
interrupted. In most cases two instructions will be executed during this time. Only one
instruction will typically be executed, if the first instruction following the RETI instruction
is a branch instruction (without cache hit), or if it reads an operand from internal code
memory, or if it is executed out of the internal RAM.
Note: A bus access in this context includes all delays which can occur during an external
bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More