| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE7169 Fiches technique(PDF) 134 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7169 Fiches technique(HTML) 134 Page - Analog Devices |
|
134 / 148 page ![]() ADE75xx/ADE71xx Preliminary Technical Data Rev. PrE | Page 134 of 148 SCLK SS DOUT DIN DIN1 DIN2 AUTO_SS=1 SPICONT=0 SCLK SS DOUT DIN DIN1 AUTO_SS=1 SPICONT=1 DIN2 AUTO_SS=0 SPICONT=0 (manual SS control) DOUT1 DOUT2 DOUT1 DOUT2 SCLK SS DOUT DIN DIN1 DIN2 DOUT1 DOUTz2 Figure 82: Automatic Chip Select and Continuous Mode Output SPI INTERRUPT AND STATUS FLAGS The SPI interface has several status flags that indicate the status of the double buffered receive and transmit registers. Figure 83 shows when the status and interrupt flags are raised. The transmit interrupt occurs when the transmit shift register is loaded with the data in the SPI/I2C Transmit Buffer SFR (SPI2CTx, 0x9A) register. If the SPI/I2C Transmit Buffer SFR (SPI2CTx, 0x9A) register has not been written with new data by the beginning of the next byte transfer, the transmit operation stops. When a new byte of data is received in the SPI Receive Buffer SFR (SPI2CRx, 0x9B) register, the SPI receive interrupt flag is raised. If the data in the SPI Receive Buffer SFR (SPI2CRx, 0x9B) register is not read before new data is ready to be loaded into the SPI Receive Buffer SFR (SPI2CRx, 0x9B), an overflow condition has occurred. This overflow condition, indicated by the SPIRxOF flag, will force the new data to be discarded or overwritten if the RxOF_EN bit is set. SPITX TRANSMIT SHIFT REGISTER SPITxIRQ=1 SPITX (empty) TRANSMIT SHIFT REGISTER Stops Transfer if TIMODE=1 SPIRX RECEIVE SHIFT REGISTER SPIRxIRQ=1 SPIRX (full) RECEIVE SHIFT REGISTER SPIRxOF=1 Figure 83: SPI Receive and Transmit Interrupt and Status Flags |