| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C51CC03C-RDTIM Fiches technique(PDF) 146 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03C-RDTIM Fiches technique(HTML) 146 Page - ATMEL Corporation |
|
146 / 183 page ![]() 146 AT89C51CC03 4182B–CAN–09/03 Figure 69. ADC Description Figure 70 shows the timing diagram of a complete conversion. For simplicity, the figure depicts the waveforms in idealized form and do not provide precise timing information. For ADC characteristics and timing parameters refer to the Section “AC Characteristics” of the AT89C51CC03 datasheet. Figure 70. Timing Diagram Note: Tsetup min = 4 us Tconv=11 clock ADC = 1sample and hold + 10 bit conversion The user must ensure that 4 us minimum time between setting ADEN and the start of the first conversion. AN0/P1.0 AN1/P1.1 AN2/P1.2 AN3/P1.3 AN4/P1.4 AN5/P1.5 AN6/P1.6 AN7/P1.7 000 001 010 011 100 101 110 111 SCH2 ADCON.2 SCH0 ADCON.0 SCH1 ADCON.1 ADC CLOCK ADEN ADCON.5 ADSST ADCON.3 ADEOC ADCON.4 ADC Interrupt Request EADC IEN1.1 CONTROL AVSS Sample and Hold ADDH VAREF R/2R DAC VAGND 8 10 + - ADDL 2 SAR ADCIN ADEN ADSST ADEOC T SETUP TCONV CLK |