Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92F120JR1T Fiches technique(PDF) 288 Page - STMicroelectronics

No de pièce ST92F120JR1T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1T Fiches technique(HTML) 288 Page - STMicroelectronics

Back Button ST92F120JR1T Datasheet HTML 284Page - STMicroelectronics ST92F120JR1T Datasheet HTML 285Page - STMicroelectronics ST92F120JR1T Datasheet HTML 286Page - STMicroelectronics ST92F120JR1T Datasheet HTML 287Page - STMicroelectronics ST92F120JR1T Datasheet HTML 288Page - STMicroelectronics ST92F120JR1T Datasheet HTML 289Page - STMicroelectronics ST92F120JR1T Datasheet HTML 290Page - STMicroelectronics ST92F120JR1T Datasheet HTML 291Page - STMicroelectronics ST92F120JR1T Datasheet HTML 292Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 320 page
background image
288/320
EIGHT-CHANNEL ANALOG TO DIGITAL CONVERTER (A/D)
ANALOG TO DIGITAL CONVERTER (Cont’d)
10.9.4 Register Description
DATA REGISTERS (DiR)
The conversion results for the 8 available chan-
nels are loaded into the 8 Data registers following
conversion of the corresponding analog input.
CHANNEL 0 DATA REGISTER (D0R)
R240 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D0.[7:0]:
Channel 0 Data.
CHANNEL 1 DATA REGISTER (D1R)
R241 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D1.[7:0]:
Channel 1 Data.
CHANNEL 2 DATA REGISTER (D2R)
R242 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D2.[7:0]:
Channel 2 Data.
CHANNEL 3 DATA REGISTER (D3R)
R243 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D3.[7:0]:
Channel 3 Data.
CHANNEL 4 DATA REGISTER (D4R)
R244 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D4.[7:0]:
Channel 4 Data
CHANNEL 5 DATA REGISTER (D5R)
R245 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D5.[7:0]:
Channel 5 Data.
CHANNEL 6 DATA REGISTER (D6R)
R246 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D6.[7:0]:
Channel 6 Data
CHANNEL 7 DATA REGISTER (D7R)
R247 - Read/Write
Register Page: 63
Reset Value: undefined
70
D0.7
D0.6
D0.5
D0.4
D0.3
D0.2
D0.1
D0.0
70
D1.7
D1.6
D1.5
D1.4
D1.3
D1.2
D1.1
D1.0
70
D2.7
D2.6
D2.5
D2.4
D2.3
D2.2
D2.1
D2.0
70
D3.7
D3.6
D3.5
D3.4
D3.3
D3.2
D3.1
D3.0
70
D4.7
D4.6
D4.5
D4.4
D4.3
D4.2
D4.1
D4.0
70
D5.7
D5.6
D5.5
D5.4
D5.3
D5.2
D5.1
D5.0
70
D6.7
D6.6
D6.5
D6.4
D6.3
D6.2
D6.1
D6.0
70
D7.7
D7.6
D7.5
D7.4
D7.3
D7.2
D7.1
D7.0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More