Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92F124 Fiches technique(PDF) 406 Page - STMicroelectronics

No de pièce ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Fiches technique(HTML) 406 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 402Page - STMicroelectronics ST92F124 Datasheet HTML 403Page - STMicroelectronics ST92F124 Datasheet HTML 404Page - STMicroelectronics ST92F124 Datasheet HTML 405Page - STMicroelectronics ST92F124 Datasheet HTML 406Page - STMicroelectronics ST92F124 Datasheet HTML 407Page - STMicroelectronics ST92F124 Datasheet HTML 408Page - STMicroelectronics ST92F124 Datasheet HTML 409Page - STMicroelectronics ST92F124 Datasheet HTML 410Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 426 page
background image
406/426
ST92F124/F150/F250 - GENERAL INFORMATION
12.4 DEVELOPMENT TOOLS
STMicroelectronics offers a range of hardware
and software development tools for the ST9 micro-
controller family. Full details of tools available for
the ST9 from third party manufacturers can be ob-
tain from the STMicroelectronics Internet site:
➟ http//mcu.st.com.
Tools from these manufacturers include realtime
kernel software and gang programmers.
Table 72. STMicroelectronics Development Tools
Note 1: The I²C 1 and the general purpose I/Os P3.0, P6.6 and P6.7 cannot be emulated by this emulator.
Since the upper 128Kbytes of Flash memory are emulated with a RAM memory, the programming oper-
ations on the F4 and F5 Flash sectors are not emulated.
12.4.1 Socket and Emulator Adapter Information
For information on the type of socket that is sup-
plied with ST92F150-EMU2, refer to the suggest-
ed list of sockets in Table 73.
Note: Before designing the board layout, it is rec-
ommended to check the overall dimensions of the
socket as they may be greater than the dimen-
sions of the device.
For footprint and other mechanical information
about these sockets and adapters, refer to the
manufacturer’s datasheet (available from www.ya-
maichi.de for TQFP100 and PQFP100 and from
www.cabgmbh.com for TQFP64).
Table 73. Suggested List of Socket Types
Supported Products
Emulator
Programming Board
ST92F124 (TQFP64, TQFP100)
ST92F150 (TQFP64, TQFP100,
PQFP100
ST92F250 (1) (TQFP100, PQFP100)
ST92F150-EMU2
ST92F150-EPB/EU
ST92F150-EPB/US
ST92F150-EPB/UK
Device
Socket (supplied with ST92F150-
EMU2)
Emulator Adapter (supplied with
ST92F150-EMU2)
TQFP64 14 x14
CAB 3303262
CAB 3303351
TQFP100 14 x14
YAMAICHI IC149-100-*25-*5
YAMAICHI ICP-100-5
PQFP100 14 x 20
YAMAICHI IC149-100-*14-*5
YAMAICHI ICP-100-4-4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More