| Moteur de recherche de fiches techniques de composants électroniques |
|
ST92F124 Fiches technique(PDF) 333 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F124 Fiches technique(HTML) 333 Page - STMicroelectronics |
|
333 / 426 page ![]() 333/426 CONTROLLER AREA NETWORK (bxCAN) CONTROLLER AREA NETWORK (Cont’d) Figure 149. Filter Bank Scale Configuration - Register Organisation One 32-Bit Filter Two 16-Bit Filters One 16-Bit / Two 8-Bit Filters Four 8-Bit Filters CFxR0 CFxR4 CFxR1 CFxR5 CFxR2 CFxR6 CFxR3 CFxR7 CFxR0 CFxR2 CFxR1 CFxR3 CFxR4 CFxR6 CFxR5 CFxR7 CFxR0 CFxR2 CFxR1 CFxR3 CFxR4 CFxR5 CFxR6 CFxR7 CFxR0 CFxR1 CFxR2 CFxR3 CFxR4 CFxR5 CFxR6 CFxR7 x = filter bank number FSCx = 3 FSCx = 2 FSCx = 1 FSCx = 0 Filter Bank Scale Configuration 1 These bits are located in the CFCR register Filter Bank Scale Config. Bits1 Identifier Mask/Ident. Identifier Mask/Ident. Identifier Mask/Ident. Identifier Mask/Ident. Identifier Mask/Ident. Identifier Mask/Ident. Identifier Mask/Ident. Identifier Mask/Ident. Identifier Mask/Ident. STID10:3 STID2:0 RTR IDE EXID17:15 EXID14:7 EXID6:0 Bit Mapping STID10:3 Bit Mapping STID10:3 STID2:0 RTR IDE EXID17:15 Identifier Mask/Ident. Bit Mapping 9 |